Part Number Hot Search : 
HDD25NXX 2SK2365 90110 M3488Q1 74CBT SMD200 AP9563GK BZX84C10
Product Description
Full Text Search
 

To Download 2SK3641 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type ic www.kexin.com.cn 1 mosfet smd type 2.3 0.60 +0.1 -0.1 6.50 +0.15 -0.15 1.50 +0.15 -0.15 0.80 +0.1 -0.1 4.60 +0.15 -0.15 0.50 +0.15 -0.15 9.70 +0.2 -0.2 5.30 +0.2 -0.2 2.30 +0.1 -0.1 0.50 +0.8 -0.7 5.55 +0.15 -0.15 2.65 +0.25 -0.1 1.50 +0.28 -0.1 0.127 max 3 .8 0 to-252 unit: mm 1gate 2drain 3source mos field effect transistor 2SK3641 features low on-state resistance r ds(on)1 =14 m max. (v gs =10v,i d =18a) r ds(on)2 =25 m max. (v gs =4.5v,i d =15a) low c iss :c iss = 930 pf typ. absolute maximum ratings ta = 25 parameter symbol rating unit draintosourcevoltage v dss 30 v gate to source voltage v gss 20 v i d 36 a i dp * 140 a power dissipation t c =25 29 t a =25 1.0 channel temperature t ch 150 storage temperature t stg -55to+150 *pw 10 s,duty cycle 1% drain current p d w electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain cut-off current i dss v ds =30v,v gs =0 10 a gate leakage current i gss v gs = 20v,v ds =0 10 a gate cut off voltage v gs(off) v ds =10v,i d =1ma 1.5 2.5 v forward transfer admittance y fs v ds =10v,i d =18a 5.5 11 s r ds(on)1 v gs =10v,i d =18a 11 14 m r ds(on)2 v gs =4.5v,i d =15a 17 25 m input capacitance c iss 930 pf output capacitance c oss 250 pf reverse transfer capacitance c rss 160 pf turn-on delay time t on 9.4 ns rise time t r 8.6 ns turn-off delay time t off 34 ns fall time tf 11 ns total gate charge q g 22 nc gate to source charge q gs 3.6 nc gate to drain charge q gd 7.4 nc body diode forward voltage note v f(s-d) i f =36a,v gs =0v 1.0 v reverse recovery time t rr i f =36a,v gs =0v 24 ns reverse recovery charge q rr d i /d t = 100 a/ s 15 nc v dd = 24v v gs =10v i d =36a v ds =10v,v gs =0,f=1mhz i d =18a,v gs(on) =15v,r g =10 ,v dd =10v drain to source on-state resistance


▲Up To Search▲   

 
Price & Availability of 2SK3641

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X